Electronic Components Datasheet Search
  English  ▼

X  

SP350PR Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SP350PR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP350PR Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SP350PR Datasheet HTML 15Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 16Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 17Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 18Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 19Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 20Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 21Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 22Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
SECTION 9
SECTION 1
47
IndustrIal open-style control
© Hammond Power Solutions Inc.
Data subject to change without notice.
Features and Benefits
•
molded terminal blocks for primary and secondary connections1
•
Coil face termination over 3000VA or 30 amps
•
Vacuum Impregnated with Polyester resin and oven cured
•
Bolted core construction
•
Bolt-on mounting brackets
•
All terminal blocks utilize a combination slot/Phillips #6 screw with a SEmS washer (suitable for 18 AWG
to 14 AWG for solid wire and 18 AWG to 12 AWG for stranded wire). Coil face terminations utilize a ¼ -
20 UnC X 0.50” combination slot/Phillips screw and a spring lock washer
•
All units supplied with primary and secondary voltage links/jumpers
•
50/60 Hz (60 Hz on SP***ACP and SP***Ar)
•
Copper wound coils with high dielectric strength insulation
•
Seismically certified in accordance with 2009 IBC for S
DS <= 2.00g, z/h = 1.0 and IP = 1.5
•
CSA Certified, UL Listed, CE Marked and RoHS compliant
•
meets nEmA standards
•
Superior insulating materials. The HPS Spartan series transformers offer the following insulation
systems:
Up to 1500 VA:
80°C rise, 130°C temperature class (B)
2000 VA to 5000 VA:
115°C rise, 180°C temperature class (F)
•
“Premium Packaging”1 which feature:
- Premium fluted cartons
- Custom molded foam inserts
- Easy removal and repacking
- Industry’s best box label
•
Supplied with trilingual installation and wiring instruction sheets
•
15 year warranty
•
Optional finger guards available1
•
Optional fuse block adapter kit available1
1
up to and including 3000Va or 30 amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com