Electronic Components Datasheet Search
  English  ▼

X  

SP350PR Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # SP350PR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP350PR Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SP350PR Datasheet HTML 19Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 20Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 21Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 22Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 23Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 24Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 25Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 26Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
SECTION 9
SECTION 1
51
IndustrIal open-style control
Group G
all dimensions in inches
50/60 Hertz
primary Voltage:
277
secondary Voltage:
120
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50nJ
A
0.42
2.60
3.35
2.60
2.13
2.17
0.22 x 0.44
2.98
2.79
1.6
100
100
sp100nJ
A
0.83
2.99
3.54
2.85
2.52
2.40
0.22 x 0.44
3.23
3.04
3.2
150
150
sp150nJ
A
1.25
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
3.23
3.04
4.3
250
160
sp250nJ
A
2.08
3.78
4.09
3.40
3.31
2.99
0.22 x 0.44
3.78
3.59
6.4
350
250
sp350nJ
A
2.92
3.78
4.69
3.40
3.31
3.58
0.22 x 0.44
3.78
3.59
8.1
500
300
sp500nJ
A
4.17
4.49
4.69
3.78
3.78
3.66
0.31 x 0.81
4.16
3.97
11
750
500
sp750nJ
A
6.25
5.25
5.081
4.37
4.50
4.06
0.31 x 0.81
4.75
4.56
18
1000
650
sp1000nJ
A
8.33
5.25
5.471
4.37
4.50
4.45
0.31 x 0.81
4.75
4.56
20
1500
1000
sp1500nJ
A
12.50
5.25
6.851
4.37
4.50
5.83
0.31 x 0.81
4.75
4.56
29
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50pr
A
4.17/2.08
2.60
3.35
2.60
2.13
2.17 0.22 x 0.44
2.98
2.79
1.7
100
100
sp100pr
A
8.33/4.17
2.99
3.74
2.85
2.52
2.60
0.22 x 0.44
3.23
3.04
3
150
150
sp150pr
A
12.5/6.25
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
3.23
3.04
4.3
250
160
sp250pr
A
20.8/10.4
3.78
3.90
3.40
3.31
2.80
0.22 x 0.44
3.78
3.59
5.9
350
250
sp350pr
A
29.2/14.6
3.78
4.69
3.40
3.31
3.58
0.22 x 0.44
3.78
3.59
8.2
500
300
sp500pr
B
41.7/20.8
4.49
5.47
3.78
3.78
3.66
0.31 x 0.81
4.16
3.97
11
Group H
fIGure a
fIGure B
E
B
A
D
C
G x H
A
D
E
C
G x H
B
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 78 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
1
Note: For 750 through 1500 VA units actual overall depth is 0.24” plus the value in column B.
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 78 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
50/60 Hertz
primary Voltage:
120 X 240
115 X 230
110 X 220
secondary Voltage: 12 X 24
11.5 X 23
11 X 22
© Hammond Power Solutions Inc.
Data subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com