Electronic Components Datasheet Search
  English  ▼

X  

B7641 Datasheet(PDF) 1 Page - EPCOS

Part # B7641
Description  SAW Duplexer 1950.0 / 2140.0 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7641 Datasheet(HTML) 1 Page - EPCOS

  B7641 Datasheet HTML 1Page - EPCOS B7641 Datasheet HTML 2Page - EPCOS B7641 Datasheet HTML 3Page - EPCOS B7641 Datasheet HTML 4Page - EPCOS B7641 Datasheet HTML 5Page - EPCOS B7641 Datasheet HTML 6Page - EPCOS B7641 Datasheet HTML 7Page - EPCOS B7641 Datasheet HTML 8Page - EPCOS B7641 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© EPCOS AG 2006. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Duplexer
2100 MHz WCDMA Band I (UMTS)
Series/type:
Ordering code:
B7641
B39212B7641P510
Date:
Version:
March 17, 2006
2.0


Similar Part No. - B7641

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
SAW Components
More results

Similar Description - B7641

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
SAW Filter 2140.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9414 EPCOS-B9414 Datasheet
76Kb / 8P
SAW Filter 1950.0 MHz
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
836.5/881.5 MHz SAW Duplexer
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
2140.0 MHz RF SAW Filter
logo
RF Monolithics, Inc
SF1222D RFM-SF1222D Datasheet
170Kb / 3P
2010/2190 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
800/842 MHz SAW Duplexer
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
836.5/881.5 MHz SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com