Electronic Components Datasheet Search
  English  ▼

X  

B7641 Datasheet(PDF) 4 Page - EPCOS

Part # B7641
Description  SAW Duplexer 1950.0 / 2140.0 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7641 Datasheet(HTML) 4 Page - EPCOS

  B7641 Datasheet HTML 1Page - EPCOS B7641 Datasheet HTML 2Page - EPCOS B7641 Datasheet HTML 3Page - EPCOS B7641 Datasheet HTML 4Page - EPCOS B7641 Datasheet HTML 5Page - EPCOS B7641 Datasheet HTML 6Page - EPCOS B7641 Datasheet HTML 7Page - EPCOS B7641 Datasheet HTML 8Page - EPCOS B7641 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
March 17, 2006
B7641
1950.0 / 2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics
Operating temperature range:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
α
max
2110.0
... 2115.0
MHz
—
2.4
3.2
dB
2115.0
... 2170.0
MHz
—
2.2
2.8
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
—
0.9
1.7
dB
2115.0
... 2170.0
MHz
—
0.7
1.3
dB
Amplitude ripple (p-p)
per 5 MHz-channel
∆α
ch
2110.0
... 2115.0
MHz
—
0.5
0.7
dB
2115.0
... 2170.0
MHz
—
0.3
0.55 dB
Input VSWR (ANT port)
2110.0
... 2170.0
MHz
—
1.7
2.0
Output VSWR (RX port)
2110.0
... 2170.0
MHz
—
2.0
2.4
Attenuation
α
0.3
... 1730.0
MHz
30
39
—
dB
1730.0
... 1790.0
MHz
37
39
—
dB
1920.0
... 1980.0
MHz
45
49
—
dB
2400.0
... 2500.0
MHz
35
48
—
dB
4030.0
... 4150.0
MHz
25
36
—
dB
4220.0
... 4340.0
MHz
25
34
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com