Electronic Components Datasheet Search
  English  ▼

X  

B7725 Datasheet(PDF) 2 Page - EPCOS

Part # B7725
Description  SAW Components Low-Loss Filter 1575,42 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7725 Datasheet(HTML) 2 Page - EPCOS

  B7725 Datasheet HTML 1Page - EPCOS B7725 Datasheet HTML 2Page - EPCOS B7725 Datasheet HTML 3Page - EPCOS B7725 Datasheet HTML 4Page - EPCOS B7725 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jan 18, 2005
SAW Components
B7725
1575,42 MHz
Low-Loss Filter
Data Sheet
Chip Sized SAW Package QCS5H
2,5
4
23
5
0,5
0,1
Features
q
Low loss RF filter for GPS receivers
q
Unbalanced to balanced operation
q
Low amplitude ripple
q
Impedance transformation from 50
Ω
to 100
Ω
q
Package for Surface Mounted Technology
(SMT)
q
Pb-free
Terminals
q
Ni, gold-plated
Dimensions 2,0x2,5 mm2, approx. weight 0,015 g
Pin configuration
1
Input, unbalanced
3, 4
Output, balanced
2, 5
Case ground
Electrostatic Sensitive Device (ESD)
* acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B7725
B39162-B7725-K910
C61157-A7-A139
F61074-V8189-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
3V
ESD voltage
V*ESD
50*
V
machine model, 10 pulses
Source power
Ps
10
dBm
source impedance 50
Ω,
load impedance 100
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com