Electronic Components Datasheet Search
  English  ▼

X  

B7725 Datasheet(PDF) 3 Page - EPCOS

Part # B7725
Description  SAW Components Low-Loss Filter 1575,42 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7725 Datasheet(HTML) 3 Page - EPCOS

  B7725 Datasheet HTML 1Page - EPCOS B7725 Datasheet HTML 2Page - EPCOS B7725 Datasheet HTML 3Page - EPCOS B7725 Datasheet HTML 4Page - EPCOS B7725 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 18, 2005
SAW Components
B7725
1575,42 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -30 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω unbal.
Terminating load impedance:
ZL = 100 Ω bal.
*)
TA = +25 ˚C
min.
typ.
max.
Nominal frequency
fN
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,42MHz ...
1576,42 MHz
—
1,3
1,8
dB
1574,42MHz ...
1576,42 MHz
—
1,3
1,7*) dB
Amplitude ripple in passband (p-p)
∆α
1574,42MHz ...
1576,42 MHz
—
0,1
0,5
dB
Phase linearity deviation
∆φ
1574,42MHz ...
1576,42 MHz
—
0,05
1,0
˚rms
Output phase balance (
φ(S31)−φ(S21)+180˚)
1574,42MHz ...
1576,42 MHz
-15
7
15
˚
Output amplitude balance
(|S31/S21|)
1574,42MHz ...
1576,42 MHz
-1,5
0,2
1,5
dB
Relative attenuation (relative to att. at fN)
α
rel
100,0MHz ...
1475,0 MHz
40
48
—
dB
1475,0 MHz ...
1501,0 MHz
35
40
—
dB
1501,0 MHz ...
1525,0 MHz
20
28
—
dB
1625,0 MHz ...
1675,0 MHz
10
22
—
dB
1675,0 MHz ...
1750,0 MHz
30
35
—
dB
1750,0 MHz ...
1800,0 MHz
35
42
—
dB
1800,0 MHz ...
1980,0 MHz
40
48
—
dB
1980,0 MHz ...
2400,0 MHz
35
41
—
dB
2400,0 MHz ...
3155,0 MHz
40
50
—
dB
3155,0 MHz ...
6000,0 MHz
35
46
—
dB
824,0MHz ...
894,0 MHz
40
48
—
dB
1850,0 MHz ...
1910,0 MHz
40
50
—
dB
1920,0 MHz ...
1980,0 MHz
40
51
—
dB
VSWR
1574,42MHz ...
1576,42 MHz
—
1,4
1,8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com