Electronic Components Datasheet Search
  English  ▼

X  

B7733 Datasheet(PDF) 2 Page - EPCOS

Part # B7733
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7733 Datasheet(HTML) 2 Page - EPCOS

  B7733 Datasheet HTML 1Page - EPCOS B7733 Datasheet HTML 2Page - EPCOS B7733 Datasheet HTML 3Page - EPCOS B7733 Datasheet HTML 4Page - EPCOS B7733 Datasheet HTML 5Page - EPCOS B7733 Datasheet HTML 6Page - EPCOS B7733 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Oct 10, 2002
SAW Components
B7733
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
bottom view
side view
top view
0,1
2,5
4
12
3
65
0,5
Chip Size SAW package DCS6I
Features
q
Low-loss RF filter for mobile telephone
cellular system, receive path
q
Low amplitude ripple
q
Usable passband 25 MHz
q
Unbalanced to balanced operation
q
Impedance transformation from 50
to100
q
Package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,014g
Pin configuration
2
Input
4
Balanced output
6
Balanced output
1,3,5
Ground, to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7733
B39881-B7733-C610
C61157-A7-A76
F61074-V8153-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
Input power max.
PIN
0
dBm
source impedance 50
CDMA signal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com