Electronic Components Datasheet Search
  English  ▼

X  

B7733 Datasheet(PDF) 3 Page - EPCOS

Part # B7733
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7733 Datasheet(HTML) 3 Page - EPCOS

  B7733 Datasheet HTML 1Page - EPCOS B7733 Datasheet HTML 2Page - EPCOS B7733 Datasheet HTML 3Page - EPCOS B7733 Datasheet HTML 4Page - EPCOS B7733 Datasheet HTML 5Page - EPCOS B7733 Datasheet HTML 6Page - EPCOS B7733 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Oct 10, 2002
SAW Components
B7733
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
max.
Center frequency
fC
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
—
2,7
3,0
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
—
1,2
1,5
dB
Input VSWR
869,0
... 894,0
MHz
—
2,0
2,1
Output VSWR
869,0
... 894,0
MHz
—
2,0
2,1
Output amplitude imbalance
(|S31/S21|)
869,0
... 894,0
MHz
-1,5
—
2,0
dB
Output phase imbalance (
φ(S31)−φ(S21)+180˚)
869,0
... 894,0
MHz
-5,0
—
7,0
degree
Attenuation
α
0,0
... 824,0
MHz
46,0
53,0
—
dB
824,0
... 849,0
MHz
34,0
41,0
—
dB
915,0
...1000,0
MHz
25,0
30,0
—
dB
1000,0
...2000,0
MHz
35,0
47,0
—
dB
2000,0
...3000,0
MHz
30,0
40,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com