Electronic Components Datasheet Search
  English  ▼

X  

B7742 Datasheet(PDF) 2 Page - EPCOS

Part # B7742
Description  SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7742 Datasheet(HTML) 2 Page - EPCOS

  B7742 Datasheet HTML 1Page - EPCOS B7742 Datasheet HTML 2Page - EPCOS B7742 Datasheet HTML 3Page - EPCOS B7742 Datasheet HTML 4Page - EPCOS B7742 Datasheet HTML 5Page - EPCOS B7742 Datasheet HTML 6Page - EPCOS B7742 Datasheet HTML 7Page - EPCOS B7742 Datasheet HTML 8Page - EPCOS B7742 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
May 24, 2006
B7742
1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS Extractor Filter
Data Sheet
Application
s
Low loss RF GPS Extractor filter for mobile phones
using common antenna for GPS and Cellular or PCS
or/and K-PCS or Bluetooth band
s
Placed between antenna, GPS band and Cellu-
lar/PCS/K-PCS/Bluetooth band
s
No switches and control lines required
s
Integrated low loss GPS filter with single ended out-
put 50
Ω
s
Very low insertion attenuation in GPS and Non-GPS
band
s
High selectivity of GPS filter
s
Low amplitude ripple in all bands
s
Usable passbands 2 MHz (GPS), 70 MHz (Cellular),
120 MHz (K-PCS), 140 MHz (PCS), 83.5 MHz (Blue-
tooth)
Features
s
Package size 2.5 x 2.0 x 0.68 mm3
s
Package code DCS6N
s
RoHS compatible
s
Approximate weight 0.015 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
1
Input antenna
s
3
Output GPS band
s
6
Output Non-GPS band (Cellular or K-PCS or
PCS or Bluetooth band depending on exter-
nal matching)
s
4
To be grounded
s
2,5
Ground
1
2,5
4
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com