Electronic Components Datasheet Search
  English  ▼

X  

B7742 Datasheet(PDF) 3 Page - EPCOS

Part # B7742
Description  SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7742 Datasheet(HTML) 3 Page - EPCOS

  B7742 Datasheet HTML 1Page - EPCOS B7742 Datasheet HTML 2Page - EPCOS B7742 Datasheet HTML 3Page - EPCOS B7742 Datasheet HTML 4Page - EPCOS B7742 Datasheet HTML 5Page - EPCOS B7742 Datasheet HTML 6Page - EPCOS B7742 Datasheet HTML 7Page - EPCOS B7742 Datasheet HTML 8Page - EPCOS B7742 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
May 24, 2006
B7742
1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
SAW Components
SAW GPS Extractor Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
CELLULAR (859 MHz) + GPS (1575.42 MHz)
Temperature range for specification:
T
= -30 ˚C to +85 ˚
Terminating input antenna impedance:
ZANT =50 Ω || 12 nH
Terminating GPS impedance:
ZGPS =50 Ω
Terminating non GPS impedance:
ZnGPS =50 Ω || 27 nH
B7742
min.
typ.1)
@ 25 ˚C
1) PCB loss de-embedded
max.1)
Nominal frequency 1 (GPS)
fN1
—
1575.42
—
MHz
Nominal frequency 2 (Cellular)
fN2
—
859.0
—
MHz
Maximum insertion attenuation
α
max
Antenna-GPS
1574.42
... 1576.42 MHz
—
1.1
1.62)
2) 1.4 dB max. at 25 ˚C
dB
Antenna-Cellular
824.0
...
894.0 MHz
—
0.35
0.6
dB
Attenuation
α
Antenna-GPS
824.0
...
894.0 MHz
33
36
—
dB
Antenna-GPS
1750.0
... 1990.0 MHz
34
38
—
dB
VSWR (Antenna)
Cellular band
824.0
...
894.0 MHz
—
1.2
1.5
GPS band
1574.42
... 1576.42 MHz
—
1.4
1.7
VSWR (GPS)
GPS band
1574.42
... 1576.42 MHz
—
1.3
1.7
VSWR (Non-GPS)
Cellular band
824.0
...
894.0 MHz
—
1.3
1.6
Isolation between Non GPS and GPS path
α
Cellular band
824.0
...
894.0 MHz
33
37
—
dB
K-PCS + PCS band
1750.0
... 1990.0 MHz
34
39
—
dB
GPS
ANT
Cellular



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com