Electronic Components Datasheet Search
  English  ▼

X  

B7750 Datasheet(PDF) 2 Page - EPCOS

Part # B7750
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7750 Datasheet(HTML) 2 Page - EPCOS

  B7750 Datasheet HTML 1Page - EPCOS B7750 Datasheet HTML 2Page - EPCOS B7750 Datasheet HTML 3Page - EPCOS B7750 Datasheet HTML 4Page - EPCOS B7750 Datasheet HTML 5Page - EPCOS B7750 Datasheet HTML 6Page - EPCOS B7750 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
December 20, 2004
SAW Components
B7750
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Features
s
RF filter for mobile telephone
UMTS systems, receive path
s
Low insertion loss, low amplitude ripple
s
Usable passband 60 MHz
s
Package for Surface Mounted
Technology (SMT)
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,012 g
Pin configuration
1
Input
3
Output
2,4
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7750
B39212-B7750-C810
C61157-A7-A89
F61074-V8125-Z000
Maximum ratings
Operating temperature range
T
– 20/ +85
˚C
Storage temperature range
Tstg
– 40/ +85
˚C
DC voltage
VDC
3V
Input Power max.
PIN
13
dbm
source and load impedance 50
Ω
1
3
4
2
Chip Sized SAW Package DCS4D
0,1
0,7
2,5
12
4
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com