Electronic Components Datasheet Search
  English  ▼

X  

B7750 Datasheet(PDF) 4 Page - EPCOS

Part # B7750
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7750 Datasheet(HTML) 4 Page - EPCOS

  B7750 Datasheet HTML 1Page - EPCOS B7750 Datasheet HTML 2Page - EPCOS B7750 Datasheet HTML 3Page - EPCOS B7750 Datasheet HTML 4Page - EPCOS B7750 Datasheet HTML 5Page - EPCOS B7750 Datasheet HTML 6Page - EPCOS B7750 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
December 20, 2004
SAW Components
B7750
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range :
T
= -20 to +75 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0...
2170,0 MHz
—
2,5
2,7
dB
Amplitude ripple (p-p)
∆α
2110,0...
2170,0 MHz
—
0,8
1,0
dB
Absolute attenuation
α
0 ...
1500,0 MHz
40
43
—
dB
1500,0..
1880,0 MHz
35
40
—
dB
1920,0..
1980,0 MHz
34
36
—
dB
2025,0..
2050,0 MHz
20
25
—
dB
2205,0..
2265,0 MHz
10
20
—
dB
2230,0..
2260,0 MHz
22
24
—
dB
2300,0...
2360,0 MHz
33
38
—
dB
2490,0...
2550,0 MHz
37
43
—
dB
2870,0...
2930,0 MHz
31
35
—
dB
4000,0...
6000,0 MHz
20
31
—
dB
Input VSWR
2110,0...
2170,0 MHz
—
1,9
2,2
Output VSWR
2110,0...
2170,0 MHz
—
2,0
2,2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com