Electronic Components Datasheet Search
  English  ▼

X  

B7758 Datasheet(PDF) 3 Page - EPCOS

Part # B7758
Description  SAW Components Low-Loss Filter for Mobile Communication 1865,0 & 1895,0 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7758 Datasheet(HTML) 3 Page - EPCOS

  B7758 Datasheet HTML 1Page - EPCOS B7758 Datasheet HTML 2Page - EPCOS B7758 Datasheet HTML 3Page - EPCOS B7758 Datasheet HTML 4Page - EPCOS B7758 Datasheet HTML 5Page - EPCOS B7758 Datasheet HTML 6Page - EPCOS B7758 Datasheet HTML 7Page - EPCOS B7758 Datasheet HTML 8Page - EPCOS B7758 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
Mar 18, 2003
SAW Components
B7758
1865,0 & 1895,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
0,1
2,5
1
2
3
6
5
4
0,5
side view
top view
bottom view
Chip Sized SAW Package DCS6N
Features
q
Low-loss 2-in-1 RF filter for mobile telephone
PCS systems, transmit path
q
Device with two integrated Tx-filter
q
Usable passband of Tx-filter 1 35 MHz
q
Usable passband of Tx-filter 2 35 MHz
q
No matching network required for operation
at 50
Ω
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,015 g
Pin configuration
3
Input Tx-filter 1
1
Output Tx-filter 1
2,5
To be grounded
4
Input Tx-filter 2
6
Output Tx-filter 2
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7758
B39192-B7758-E311
C61157-Z7-C179
F61074-V8153-Z000
Maximum ratings
Operable temperature range
T
– 30 /+ 85
˚C
Storage temperature range
Tstg
– 40 /+ 85
˚C
DC voltage
VDC
3V
Input power max.
1850...1910 MHz
PIN
12
dBm
source and load impedance 50
Ω
CW signal
1
2,5
3
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com