Electronic Components Datasheet Search
  English  ▼

X  

B7758 Datasheet(PDF) 5 Page - EPCOS

Part # B7758
Description  SAW Components Low-Loss Filter for Mobile Communication 1865,0 & 1895,0 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7758 Datasheet(HTML) 5 Page - EPCOS

  B7758 Datasheet HTML 1Page - EPCOS B7758 Datasheet HTML 2Page - EPCOS B7758 Datasheet HTML 3Page - EPCOS B7758 Datasheet HTML 4Page - EPCOS B7758 Datasheet HTML 5Page - EPCOS B7758 Datasheet HTML 6Page - EPCOS B7758 Datasheet HTML 7Page - EPCOS B7758 Datasheet HTML 8Page - EPCOS B7758 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4
Mar 18, 2003
SAW Components
B7758
1865,0 & 1895,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics of Tx-filter 2
Operating temperature range:
T
= -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1895,0
—
MHz
Maximum insertion attenuation
α
max
1875,0
...1910,0
MHz
—
2,6
3,0
dB
1880,0
...1910,0
MHz
—
2,4
2,7
dB
Amplitude ripple (p-p)
∆α
1875,0
...1910,0
MHz
—
1,2
1,6
dB
1880,0
...1910,0
MHz
—
1,0
1,3
Input return loss
1875,0
...1910,0
MHz
12,0
13,5
—
dB
Output return loss
1875,0
...1910,0
MHz
12,0
13,5
—
dB
Attenuation
α
10,0
...1570,0
MHz
32,0
40,0
—
dB
1570,0
...1580,0
MHz
35,0
48,0
—
dB
1580,0
...1830,0
MHz
25,0
30,0
—
dB
1955,0
...1990,0
MHz
40,0
48,0
—
dB
1990,0
...2500,0
MHz
30,0
36,0
—
dB
2500,0
...3000,0
MHz
25,0
30,0
—
dB
3000,0
...3760,0
MHz
20,0
25,0
—
dB
3760,0
...3820,0
MHz
20,0
25,0
—
dB
3820,0
...6000,0
MHz
14,0
19,0
—
dB
Rx band suppression
1955,0
...1990,0
MHz
40,0
48,0
—
dB
GPS band suppression
1570,0
...1580,0
MHz
35,0
48,0
—
dB
LO suppression
2113,0
...2174,0
MHz
37,0
42,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com