Electronic Components Datasheet Search
  English  ▼

X  

B7764 Datasheet(PDF) 2 Page - EPCOS

Part # B7764
Description  SAW Components Low-Loss Filter for Mobile Communication 897,50 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7764 Datasheet(HTML) 2 Page - EPCOS

  B7764 Datasheet HTML 1Page - EPCOS B7764 Datasheet HTML 2Page - EPCOS B7764 Datasheet HTML 3Page - EPCOS B7764 Datasheet HTML 4Page - EPCOS B7764 Datasheet HTML 5Page - EPCOS B7764 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Jun,04,2004
SAW Components
B7764
897,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip Sized SAW Package DCS6P
Features
q
Low-loss RF filter for mobile telephone
EGSM system, transmit path
q
Low amplitude ripple
q
Usable passband 35 MHz
q
Balanced to unbalanced operation
q
Impedance transformation from 100
to 50
q
Suitable for GPRS class 1 to 12
q
Package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,010 g
Pin configuration
4
Balanced input
6
Balanced input
2
Output
1,3, 5
Ground, to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7764
B39901-B7764-E410
C61157-A7-A101
F61074-V8153-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / +85
˚C
DC voltage
VDC
5V
ESD voltage
VMM
100
V
machine model
VHBM
250
V
human body model
Input power at
GSM850, GSM900 Tx bands
GSM1800, GSM1900 Tx
bands
Pin
15
15
dBm
peak power of GSM signal, duty
cycle 4:8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com