Electronic Components Datasheet Search
  English  ▼

X  

B7764 Datasheet(PDF) 3 Page - EPCOS

Part # B7764
Description  SAW Components Low-Loss Filter for Mobile Communication 897,50 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7764 Datasheet(HTML) 3 Page - EPCOS

  B7764 Datasheet HTML 1Page - EPCOS B7764 Datasheet HTML 2Page - EPCOS B7764 Datasheet HTML 3Page - EPCOS B7764 Datasheet HTML 4Page - EPCOS B7764 Datasheet HTML 5Page - EPCOS B7764 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun,04,2004
SAW Components
B7764
897,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 ... +75 ˚C
Terminating source impedance:
ZS = 100 Ω || 33 nH (balanced)
Terminating load impedance:
ZL = 50 Ω
* 6,5 dB for
T= -30 to +85 ˚C
min.
typ.
max.
Nominal frequency
fN
—
897,5
—
MHz
Maximum insertion attenuation
α
max
880,0
... 915,0
MHz
—
2,9
3,4* dB
Amplitude ripple (p-p)
∆α
880,0
... 915,0
MHz
—
1,3
1,9
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
880,0
... 915,0
MHz
-10
0
10
˚
Output amplitude balance
(|S31/S21|)
880,0
... 915,0
MHz
-0,8
0,2
1,2
dB
Input VSWR
880,0
... 915,0
MHz
—
1,8
2,1
Output VSWR
880,0
... 915,0
MHz
—
2,0
2,2
Attenuation
α
0,0
... 800,0
MHz
45
58
—
dB
800,0
... 860,0
MHz
40
46
—
dB
860,0
... 870,0
MHz
13
23
—
dB
925,0
... 935,0
MHz
8
15
—
dB
935,0
...1850,0
MHz
25
35
—
dB
1850,0
...6000,0
MHz
20
25
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com