Electronic Components Datasheet Search
  English  ▼

X  

SP7805V-L Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7805V-L
Description  3-Terminal Positive Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7805V-L Datasheet(HTML) 4 Page - Sipex Corporation

  SP7805V-L Datasheet HTML 1Page - Sipex Corporation SP7805V-L Datasheet HTML 2Page - Sipex Corporation SP7805V-L Datasheet HTML 3Page - Sipex Corporation SP7805V-L Datasheet HTML 4Page - Sipex Corporation SP7805V-L Datasheet HTML 5Page - Sipex Corporation SP7805V-L Datasheet HTML 6Page - Sipex Corporation SP7805V-L Datasheet HTML 7Page - Sipex Corporation SP7805V-L Datasheet HTML 8Page - Sipex Corporation SP7805V-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image

Date: 8/3/06 Rev F
SP78XX 3-Terminal Positive Linear Regulators
© 2006 Sipex Corporation
Recommended Operating conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
7.5
18
V
Operating Junction Temperature Range
TJ
-40
125
absolute Maximum Ratings (note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
Lead Temperature (Soldering, 10sec)
300
oC
Power Dissipation
PD
Internally Limited
Storage Temperature Range
TSTG
-65 to 150
oC
ESD (Machine Model)
ESD
500
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com