Electronic Components Datasheet Search
  English  ▼

X  

SP7805V-L Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7805V-L
Description  3-Terminal Positive Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7805V-L Datasheet(HTML) 5 Page - Sipex Corporation

  SP7805V-L Datasheet HTML 1Page - Sipex Corporation SP7805V-L Datasheet HTML 2Page - Sipex Corporation SP7805V-L Datasheet HTML 3Page - Sipex Corporation SP7805V-L Datasheet HTML 4Page - Sipex Corporation SP7805V-L Datasheet HTML 5Page - Sipex Corporation SP7805V-L Datasheet HTML 6Page - Sipex Corporation SP7805V-L Datasheet HTML 7Page - Sipex Corporation SP7805V-L Datasheet HTML 8Page - Sipex Corporation SP7805V-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image

Date: 7/28/06 Rev E
SP78XX 3-Terminal Positive Linear Regulators
© 2006 Sipex Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ=25oC
4.9
5.0
5.1
V
IO=5mA to 1A, VI=7.5 to 15V, PD
15W
4.8
5.0
5.2
Line Regulation
VRLINE
VI=8V to 15V, IO=1A, TJ=25oC
1
20
mV
Load Regulation
VRLOAD VI=10V, IO=5mA to 1A, TJ=25oC
10
35
mV
Quiescent Current
IQ
VI=10V
3.2
6.0
mA
Quiescent Current Change
IQ
VI=8V to 15V, IO=500mA, TJ=25oC
0.3
0.8
mA
IO=5mA to 1A, TJ=25oC
0.08
0.5
Ripple Rejection
VI/ VO VI=8V to 15V, f=120Hz, IO=300mA
63
73
dB
Dropout Voltage
VI-VO
VO/VO=1%, IO=1A, TJ=25oC
2.0
V
Output Noise Voltage
NO
f=10Hz to 100KHz, TA=25oC
10
V/VO
Output Resistance
RO
f=1.0kHz
10
m
Short Circuit Current
IPK
VI=15V, TA=25oC
0.8
A
Peak Output Current
IMAX
VI=10V, TJ=25oC
2.2
A
Output Voltage Drift
VO/ T
-0.3
mV/oC
electrical characteristics
S
P7805 (VI=10V, IO=1A, TJ=-40 to 125 oC, unless otherwise specified.)
electrical characteristics
S
P7812 (VI=17V, IO=1A, TJ=-40 to 125 oC, unless otherwise specified.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VO
TJ=25oC
11.5
12
12.5
V
IO=5mA to 1A, VI=14.8 to 17V, PD
15W
11.4
12
12.6
Line Regulation
VRLINE VI=14.5 to 18V, IO=1A, TJ=25oC
2.2
20
mV
Load Regulation
VRLOAD VI=17V, IO=5mA to 1A, TJ=25oC
8.1
60
mV
Quiescent Current
IQ
VI=17V
3.4
6.5
mA
Quiescent Current
Change
IQ
VI=14.5 to 17V, IO=1A, TJ=25oC
0.7
mA
IO=5.0mA to 1A, TJ=25oC
0.5
Ripple Rejection
VI/ VO VI=15V to 17V, f=120Hz, IO=300mA
55
60
dB
Dropout Voltage
VI-VO
VO/VO=1%, IO=1A, TA=25oC
2.0
V
Output Noise Voltage
NO
f=10Hz to 100KHz, TA=25oC
10
V/VO
Output Resistance
RO
f=1.0KHz
13
m
Short Circuit Current
IPK
VI=15V, TA=25oC
0.8
A
Peak Output Current
IMAX
VI=17V, TJ=25oC
2.2
A
Output Voltage Drift
VO/ T
-0.8
mV/oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com