Electronic Components Datasheet Search
  English  ▼

X  

RF2132 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2132
Description  LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2132 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2132 Datasheet HTML 1Page - RF Micro Devices RF2132 Datasheet HTML 2Page - RF Micro Devices RF2132 Datasheet HTML 3Page - RF Micro Devices RF2132 Datasheet HTML 4Page - RF Micro Devices RF2132 Datasheet HTML 5Page - RF Micro Devices RF2132 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-112
RF2132
Rev B10 060908
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BIAS
1.8 nH
100 pF
18 k
Ω
100 pF
RF IN
V
PC
1 nF
1 nF
100 pF
6.8 nH
3 pF
V
CC
12 pF
3.3 nH
4.3 pF
100 pF
RF OUT
Vcc = 4.8 V
Vpc = 4.0 V
BIAS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L1
1.8 nH
C6
100 pF
R1
18 k
Ω
C14
100 pF
C13
1 nF
C12
3.3
μF
P1-3
C8
33 pF
J1
L3
3.3 nH
C11
4.3 pF
C9
100 pF
J2
C7
3 pF
L2
6.8 nH
C4
1 nF
C1
100 nF
C2
11
μF
C3
1
μF
C10
12 pF
P1-1
C5
100 pF
RF IN
RF OUT
P1-1
P1-3
P1
PC
GND
VCC
1
2
3
Vcc = 4.8 V
Vpc = 4.0 V
Power supply filtering/bypassing for V
cc
Power supply filtering/bypassing for V
PC
Adds bias to the first
amplifier stage for
improved linearity
Bias inductor for the
amplifier output stage
Harmonic trap: C7 series resonate
internal bondwires of pins 14 and 1
2f
0 to effectively short out 2nd harm
for optimum gain and efficiency
Matching network for
optimum load impedance
Interstage tuning (L1) for
centering output frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com