Electronic Components Datasheet Search
  English  ▼

X  

RF2317 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2317
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2317 Datasheet HTML 2Page - RF Micro Devices RF2317 Datasheet HTML 3Page - RF Micro Devices RF2317 Datasheet HTML 4Page - RF Micro Devices RF2317 Datasheet HTML 5Page - RF Micro Devices RF2317 Datasheet HTML 6Page - RF Micro Devices RF2317 Datasheet HTML 7Page - RF Micro Devices RF2317 Datasheet HTML 8Page - RF Micro Devices RF2317 Datasheet HTML 9Page - RF Micro Devices RF2317 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3-22
RF2317
Rev A19 050822
Application Schematic
5MHz to 50MHz Reverse Path
Evaluation Board Schematic - 50Ω
(Download Bill of Materials from www.rfmd.com.)
RF OUT
3.9
μH
11
Ω
10 nF
V
CC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
18 nF
RF IN
18 nF
NOTES:
Gain Flatness <0.5 dB
Input and Output Return Loss >20 dB in 75
Ω system
C1
1 nF
J1
RF IN
C2
1 nF
J2
RF OUT
L1
3.3
μH
R1
51
Ω
C3
220 pF
R2
51
Ω
R3
51
Ω
R4
51
Ω
VCC
2317400 Rev -
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C4
100 nF
C5
1
μF
R5
51
Ω
R
C = 10.2 Ω
50
Ω μstrip
50
Ω μstrip
GND
NC
P1-1
VCC
P1
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com