Electronic Components Datasheet Search
  English  ▼

X  

RF2317 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2317
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2317 Datasheet HTML 1Page - RF Micro Devices RF2317 Datasheet HTML 2Page - RF Micro Devices RF2317 Datasheet HTML 3Page - RF Micro Devices RF2317 Datasheet HTML 4Page - RF Micro Devices RF2317 Datasheet HTML 5Page - RF Micro Devices RF2317 Datasheet HTML 6Page - RF Micro Devices RF2317 Datasheet HTML 7Page - RF Micro Devices RF2317 Datasheet HTML 8Page - RF Micro Devices RF2317 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3-17
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
4
5
8
6
7
2
3
16
13
12
9
11
10
15
14
RF OUT
NC
RF IN
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
NC
RF2317
LINEAR CATV AMPLIFIER
• CATV Distribution Amplifiers
• Cable Modems
• Broadband Gain Blocks
• Laser Diode Driver
• Return Channel Amplifier
• Base Stations
The RF2317 is a general purpose, low-cost high-linearity
RF amplifier IC. The device is manufactured on an
advanced Gallium Arsenide Heterojunction Bipolar Tran-
sistor (HBT) process, and has been designed for use as
an easily cascadable 75
Ω gain block. The gain flatness of
better than ±0.5dB from 50MHz to 1000MHz, and the
high linearity, make this part ideal for cable TV applica-
tions. Other applications include IF and RF amplification
in wireless voice and data communication products oper-
ating in frequency bands up to 3GHz. The device is self-
contained with 75
Ω input and output impedances and
requires only two external DC biasing elements to oper-
ate as specified.
• DC to 3.0GHz Operation
• Internally Matched Input and Output
• 15dB Small Signal Gain
• 4.9dB Noise Figure
• +47dBm Output IP3
• Single 9V to 12V Power Supply
RF2317
Linear CATV Amplifier
RF2317 PCBA
Fully Assembled Evaluation Board - 50
Ω
RF2317 PCBA
Fully Assembled Evaluation Board - 75
Ω
0
Rev A19 050822
0.068
0.064
0.020
0.014
0.034 REF
0.068
0.053
0.009
0.007
0.034
0.016
8° MAX
0° MIN
0.244
0.229
0.393
0.386
0.157
0.150
0.020
REF
0.008
0.004
-A-
Package Style: CJ2BAT0
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2317

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
RF2317PCBA RFMD-RF2317PCBA Datasheet
151Kb / 8P
LINEAR CATV AMPLIFIER
RF2317PCBA RFMD-RF2317PCBA Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
More results

Similar Description - RF2317

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
LINEAR CATV AMPLIFIER
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
CATV ULTRA-LINEAR AMPLIFIER
logo
RF Micro Devices
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
CATV Linear Amplifier
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
CATV Ultra Linear Gain Amplifier
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
LINEAR CATV AMPLIFIER
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Advanced Semiconductor ...
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com