Electronic Components Datasheet Search
  English  ▼

X  

RF2377 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2377
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2377 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2377 Datasheet HTML 1Page - RF Micro Devices RF2377 Datasheet HTML 2Page - RF Micro Devices RF2377 Datasheet HTML 3Page - RF Micro Devices RF2377 Datasheet HTML 4Page - RF Micro Devices RF2377 Datasheet HTML 5Page - RF Micro Devices RF2377 Datasheet HTML 6Page - RF Micro Devices RF2377 Datasheet HTML 7Page - RF Micro Devices RF2377 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-433
RF2377
Rev A11 020607
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
T=25°C
Supply Voltage
2.8
V
Specifications
2.7 to 3.3
V
Operating range
Gain Control Voltage
0 to 2.0
V
Supply Current
324565
mA
VCC=2.8V, VGC=2.0V
56
mA
VCC=3.0V, VGC=2.0V
20
mA
VCC=2.8V, VGC=0.4V
VGC Current
1.5
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com