Electronic Components Datasheet Search
  English  ▼

X  

RF2377 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2377
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2377 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2377 Datasheet HTML 1Page - RF Micro Devices RF2377 Datasheet HTML 2Page - RF Micro Devices RF2377 Datasheet HTML 3Page - RF Micro Devices RF2377 Datasheet HTML 4Page - RF Micro Devices RF2377 Datasheet HTML 5Page - RF Micro Devices RF2377 Datasheet HTML 6Page - RF Micro Devices RF2377 Datasheet HTML 7Page - RF Micro Devices RF2377 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-435
RF2377
Rev A11 020607
Evaluation Board Schematic
(W-CDMA)
Evaluation Board Schematic
(PCS)
Note orientation of
package in this schematic.
C6
1.2 pF
L2
4.7 nH
C3
15 pF
L3
2.7 nH
C4
47 nF
VREG/VCC
J2
RF OUT
C5
15 pF
50
Ω μstrip
J1
RF IN
VREG/VCC
VGC
C1
15 pF
4
5
6
3
2
1
ATT
ATT
C2
0.5 pF
C7
0.5 pF
L1
2.2 nH
L4
47 nH
L5
47 nH
2377401-
VGC
P1-1
GND
VREG/VCC
P1-3
P1-4
GND
P1
1
2
3
4
5
VREG/VCC
C16
1
μF
+
Note orientation of
package in this schematic.
C6
1.2 pF
L2
4.7 nH
C3
47 nF
L3
2.2 nH
C4
47 nF
J2
RF OUT
J1
RF IN
VREG
VGC
C1
100 pF
4
5
6
3
2
1
ATT
ATT
C5
47 nF
C16
1 uF
VREG/VCC
2377400A
R1
0 k
Ω
P1-4
P1
1
2
3
4
5
VGC
P1-1
GND
VCC
P1-3
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com