Electronic Components Datasheet Search
  English  ▼

X  

SP526 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP526_06 Datasheet HTML 10Page - Sipex Corporation SP526_06 Datasheet HTML 11Page - Sipex Corporation SP526_06 Datasheet HTML 12Page - Sipex Corporation SP526_06 Datasheet HTML 13Page - Sipex Corporation SP526_06 Datasheet HTML 14Page - Sipex Corporation SP526_06 Datasheet HTML 15Page - Sipex Corporation SP526_06 Datasheet HTML 16Page - Sipex Corporation SP526_06 Datasheet HTML 17Page - Sipex Corporation SP526_06 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
T1
T2
T3
R1
R2
R3
T4
R4
SP526
1.0µF
1.0µF
1.0µF
1.0µF
C2–
1.0µF
C1+
C1–
C2+
T1IN
8
ENT1
12
T1OUTA
T1OUTB
T2OUTA
T2OUTB
T2IN
ENT2
ENT3
ENT4
T3IN
T3OUTB
T3OUTA
T4OUT
R1OUT
R2OUT
R3OUT
R4OUT
ENR4
ENR3
ENR1
ENR2
R1INA
R2INA
R3INA
R4INA
R3INB
R4INB
R2INB
R1INB
D0
D1
21
17
19
16
7
11
6
10
5
9
35
4
34
3
33
2
32
1
18
14
13
20
15
22
25
24
27
26
29
28
30
43
42
41
40
39
38
37
36
23
44
31
VDD
VCC
VCC
+5V
VSS
GND
GND
GND
T4IN
Figure 29. Typical Operating Circuit for the SP526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com