Electronic Components Datasheet Search
  English  ▼

X  

SP526 Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP526_06 Datasheet HTML 16Page - Sipex Corporation SP526_06 Datasheet HTML 17Page - Sipex Corporation SP526_06 Datasheet HTML 18Page - Sipex Corporation SP526_06 Datasheet HTML 19Page - Sipex Corporation SP526_06 Datasheet HTML 20Page - Sipex Corporation SP526_06 Datasheet HTML 21Page - Sipex Corporation SP526_06 Datasheet HTML 22Page - Sipex Corporation SP526_06 Datasheet HTML 23Page - Sipex Corporation SP526_06 Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
30A
15A
0A
t=0nS
t=30nS
t
Figure 37. ESD Test Waveform for IEC1000-4-2
of the ESD current when the ESD source is
applied to the connector pins. The test circuit for
IEC1000-4-2 is shown on Figure 36. There are
two methods within IEC1000-4-2, the Air
Discharge method and the Contact Discharge
method.
With the Air Discharge Method, an ESD voltage
is applied to the equipment under test (EUT)
through air. This simulates an electrically charged
person ready to connect a cable onto the rear of
the system only to find an unpleasant zap just
before the person touches the back panel. The
high energy potential on the person discharges
through an arcing path to the rear panel of the
system before he or she even touches the system.
This energy, whether discharged directly or
through air, is predominantly a function of the
discharge current rather than the discharge
voltage. Variables with an air discharge such as
approach speed of the object carrying the ESD
Table 2. Transceiver ESD Tolerance Levels
Device Pin
Human Body
IEC1000-4-2
Tested
Model
Air Discharge
Direct Contact
Level
Driver Outputs
±15kV
±15kV
±8kV
4
Receiver Inputs
±15kV
±15kV
±8kV
4
RC
CS
RS
RV
SW1
SW2
Contact-Discharge Module
Device
Under
Test
DC Power
Source
RS and RV add up to 330Ω for IEC1000-4-2
Figure 36. ESD Test Circuit for IEC1000-4-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com