Electronic Components Datasheet Search
  English  ▼

X  

SP3224E Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3224E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3224E Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3224E Datasheet HTML 9Page - Sipex Corporation SP3224E Datasheet HTML 10Page - Sipex Corporation SP3224E Datasheet HTML 11Page - Sipex Corporation SP3224E Datasheet HTML 12Page - Sipex Corporation SP3224E Datasheet HTML 13Page - Sipex Corporation SP3224E Datasheet HTML 14Page - Sipex Corporation SP3224E Datasheet HTML 15Page - Sipex Corporation SP3224E Datasheet HTML 16Page - Sipex Corporation SP3224E Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
Rev P 11/20/06
SP3224E-SP3227E Transceivers with Auto On-line® Plus
© 2006 Sipex Corporation
THEORY OF OPERATION
The SP3224E-SP3227E devices have the
advanced Auto On-Line® Plus feature
RS-232 signals use both positive and neg-
ative voltages of greater than ±5V magni-
tude. Receivers have nominal 5kΩ imped-
ance to ground. Even when idle, drivers
will maintain output signal voltage creating
a continuous current flow. In low power,
battery operated devices this constant cur-
rent drain can decrease battery life
significantly.
are widely used for power-supply decou-
pling) are ideal for use on the charge pump.
The charge pumps are designed to be able
to function properly with a wide range of
capacitor styles and values. If polarized ca-
pacitors are used the positive and negative
terminals should be connected as shown
on the Typical Operating Circuit.
Capacitance values may be increased if
operating at higher VCC or to provide great-
er stability as the capacitors age.
Minimum Recommended Charge Pump Capacitor Values
Input Voltage VCC
Charge Pump Capacitor Value for SP32XX
3.0V to 3.6V
C1-C4=0.1µF
4.5V to 5.5V
C1=0.047µF, C2-C4=0.33µF
3.0V to 5.5V
C1-C4=0.22µF
Charge Pump Capacitor Values
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
e-
Phases 1 and 3: Store/Double.
Double charge from C1 onto C2.
C2 is now charged to -2xVcc
+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
+
e+
e+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
Phase 2 – Vss transfer from C2 to C4.
Meanwhile C1 is charged to Vcc
e-
e-
e-
+
Vss
transfer from C2 to C3.
Meanwhile C1 is charged to Vcc
V
DD
V-
V+
V-
V+
V+
Patented 5,306,954 (Sipex, inc.)
Phase 4 VDD
Charge Pump Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com