Electronic Components Datasheet Search
  English  ▼

X  

SP3224E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3224E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3224E Datasheet(HTML) 2 Page - Sipex Corporation

  SP3224E Datasheet HTML 1Page - Sipex Corporation SP3224E Datasheet HTML 2Page - Sipex Corporation SP3224E Datasheet HTML 3Page - Sipex Corporation SP3224E Datasheet HTML 4Page - Sipex Corporation SP3224E Datasheet HTML 5Page - Sipex Corporation SP3224E Datasheet HTML 6Page - Sipex Corporation SP3224E Datasheet HTML 7Page - Sipex Corporation SP3224E Datasheet HTML 8Page - Sipex Corporation SP3224E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Rev P 11/20/06
SP3224E-SP3227E Transceivers with Auto On-line® Plus
© 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Vcc).................................................-0.3V to + 6.0V
V+ (Note 1)................................................................-0.3V to + 7.0V
V- (Note 1).................................................................+0.3V to - 7.0V
|V+| + |V-| .................................................................................+13V
Input voltage at TTL input pins ............................-0.3V to Vcc+0.3V
RxIN......................................................................................... ±18V
Driver output (from Ground).................................................. ±13.2V
RxOUT, STATUS..................................................-0.3V to Vcc+0.3V
Short Circuit Duration, TxOUT to GND,. Continuous
(One output at a time maximum)
Storage Temperature...............................................-65°C to +150°C
Operating Temperature SP322XECX...........................0°C to +70°C
Operating Temperature SP322XEEX........................-40°C to +85°C
Lead Temperature (soldering, 10s)....................................... +300°C
Maximum junction temperature.....................................................150°C
Thermal Derating, Junction to Ambient
SSOP20..............................................................................
θJA =83°C/W
TSSOP20.......................................................................
θJA =110.7°C/W
SSOP16..............................................................................
θJA =87°C/W
TSSOP16.......................................................................
θJA =100.4°C/W
Note 1: V+ and V- can have maximum magnitudes of 7V, but their
absolute difference cannot exceed 13V.
Unless otherwise noted VCC = +3.0V to +5.5V, TAMB = TMIN to TMAX,. Typical values are at TAMB = +25°C.
C1–C4 = 0.1µF tested at 3.3V ±10%. C1=0.047µF C2–C4 = 0.33µF tested at 5V ±10%.
Parameters
Symb
Test Conditions
Min.
Typ.
Max.
Unit
DC Characteristics
Supply Current, Auto On-Line
® Plus
ICC3
Receivers idle, TxIN = Vcc or GND,
ONLINE = GND, SHUTDOWN = Vcc
Note 2
1
10
µA
Supply Current, Shutdown
ICC2
SHUTDOWN = GND
1
10
µA
Supply Current, Active
ICC1
ONLINE = SHUTDOWN = Vcc, No Load
1.5
2.0
mA
Supply Current, Active
ICC1
ONLINE = SHUTDOWN = VCC=3.3V,
No Load
0.7
1.0
mA
Driver Input and Logic Input Pins
Logic Input
Voltage
High
VIH
Vcc = 3.3V
2
V
VIH
Vcc = 5.0V
2.4
Low
VIL
0.8
Logic Threshold
VT
1.5
Logic Input Leakage Current
IIL
0.05
±1.0
µA
Logic Input Hysteresis
VHYS
100
mV
Receiver Outputs and STATUS Output
Receiver Output Voltage Low
VOL
IOUT = -1.6mA
0.4
V
Receiver Output Voltage High
VOH
IOUT = 1mA
Vcc
- 0.6
V
Note 2: Characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com