Electronic Components Datasheet Search
  English  ▼

X  

SP3223EU Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3223EU
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EU Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3223EU Datasheet HTML 10Page - Sipex Corporation SP3223EU Datasheet HTML 11Page - Sipex Corporation SP3223EU Datasheet HTML 12Page - Sipex Corporation SP3223EU Datasheet HTML 13Page - Sipex Corporation SP3223EU Datasheet HTML 14Page - Sipex Corporation SP3223EU Datasheet HTML 15Page - Sipex Corporation SP3223EU Datasheet HTML 16Page - Sipex Corporation SP3223EU Datasheet HTML 17Page - Sipex Corporation SP3223EU Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Date:
10/06/06
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 200
6 Sipex Corporation
14
Table 3. AUTO ON-LINE® Logic
Figure 22. Stage I of AUTO ON-LINE® Circuitry
Figure 23. Stage II of AUTO ON-LINE® Circuitry
L
A
N
G
I
S
2
3
2
-
S
R
R
E
V
I
E
C
E
R
T
A
T
U
P
N
I
N
W
O
D
T
U
H
S
T
U
P
N
I
T
U
P
N
I
E
N
I
L
N
OT
U
P
T
U
O
S
U
T
A
T
S
R
E
V
I
E
C
S
N
A
R
T
S
U
T
A
T
S
S
E
YH
G
I
HW
O
LH
G
I
H
n
o
i
t
a
r
e
p
O
l
a
m
r
o
N
E
N
I
L
-
N
O
O
T
U
A
(
® )
O
NH
G
I
HH
G
I
HW
O
L
n
o
i
t
a
r
e
p
O
l
a
m
r
o
N
O
NH
G
I
HW
O
LW
O
L
n
w
o
d
t
u
h
S
E
N
I
L
-
N
O
O
T
U
A
(
® )
S
E
YW
O
LW
O
L
/
H
G
I
HH
G
I
H
n
w
o
d
t
u
h
S
O
NW
O
LW
O
L
/
H
G
I
HW
O
L
n
w
o
d
t
u
h
S
RS-232
Receiver Block
RXINACT
Inactive Detection Block
RXIN
RXOUT
R
1ON
R
2ON
Delay
Buffer
Delay
Buffer
SHUTDOWN
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com