Electronic Components Datasheet Search
  English  ▼

X  

SP3223EU Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP3223EU
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EU Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP3223EU Datasheet HTML 15Page - Sipex Corporation SP3223EU Datasheet HTML 16Page - Sipex Corporation SP3223EU Datasheet HTML 17Page - Sipex Corporation SP3223EU Datasheet HTML 18Page - Sipex Corporation SP3223EU Datasheet HTML 19Page - Sipex Corporation SP3223EU Datasheet HTML 20Page - Sipex Corporation SP3223EU Datasheet HTML 21Page - Sipex Corporation SP3223EU Datasheet HTML 22Page - Sipex Corporation SP3223EU Datasheet HTML 23Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Date: 10/06/06
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 2006 Sipex Corporation
22
Part Number
Temperature Range
Package Types
SP3223EBCP .................................................... 0°C to +70°C-------------------------------------------- 20-pin PDIP
SP3223EBCA .................................................... 0°C to +70°C------------------------------------------- 20-pin SSOP
SP3223EBCA/TR .............................................. 0°C to +70°C------------------------------------------- 20-pin SSOP
SP3223EBCY .................................................... 0°C to +70°C----------------------------------------- 20-pin TSSOP
SP3223EBCY/TR .............................................. 0°C to +70°C----------------------------------------- 20-pin TSSOP
SP3223EBEP .................................................. -40°C to +85°C ------------------------------------------- 20-pin PDIP
SP3223EBEA .................................................. -40°C to +85°C ------------------------------------------ 20-pin SSOP
SP3223EBEA/TR ............................................ -40°C to +85°C ------------------------------------------ 20-pin SSOP
SP3223EBEY .................................................. -40°C to +85°C ---------------------------------------- 20-pin TSSOP
SP3223EBEY/TR ............................................ -40°C to +85°C ---------------------------------------- 20-pin TSSOP
SP3223ECA ...................................................... 0°C to +70°C .................................................... 20-pin SSOP
SP3223ECA/TR ................................................ 0°C to +70°C .................................................... 20-pin SSOP
SP3223ECP ...................................................... 0°C to +70°C ...................................................... 20-pin PDIP
SP3223ECY ...................................................... 0°C to +70°C .................................................. 20-pin TSSOP
SP3223ECY/TR ................................................ 0°C to +70°C .................................................. 20-pin TSSOP
SP3223EEA ..................................................... -40°C to +85°C .................................................. 20-pin SSOP
SP3223EEA/TR ............................................... -40°C to +85°C .................................................. 20-pin SSOP
SP3223EEP ..................................................... -40°C to +85°C .................................................... 20-pin PDIP
SP3223EEY ..................................................... -40°C to +85°C ................................................ 20-pin TSSOP
SP3223EEY/TR ............................................... -40°C to +85°C ................................................ 20-pin TSSOP
SP3223EUCP .................................................... 0°C to +70°C ...................................................... 20-pin PDIP
SP3223EUCA .................................................... 0°C to +70°C .................................................... 20-pin SSOP
SP3223EUCA/TR .............................................. 0°C to +70°C .................................................... 20-pin SSOP
SP3223EUCY .................................................... 0°C to +70°C .................................................. 20-pin TSSOP
SP3223EUCY/TR .............................................. 0°C to +70°C .................................................. 20-pin TSSOP
SP3223EUEP .................................................. -40°C to +85°C .................................................... 20-pin PDIP
SP3223EUEA .................................................. -40°C to +85°C .................................................. 20-pin SSOP
SP3223EUEA/TR ............................................ -40°C to +85°C .................................................. 20-pin SSOP
SP3223EUEY .................................................. -40°C to +85°C ................................................ 20-pin TSSOP
SP3223EUEY/TR ............................................ -40°C to +85°C ................................................ 20-pin TSSOP
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP3223EUEY/TR = standard; SP3223EUEY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP, TSSOP and WSOIC
.
ORDERING INFORMATION
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com