Electronic Components Datasheet Search
  English  ▼

X  

1769971 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1769971
Description  SMSTBA 2,5/19-G - PCB header
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1769971 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1769971 Datasheet HTML 1Page - PHOENIX CONTACT 1769971 Datasheet HTML 2Page - PHOENIX CONTACT 1769971 Datasheet HTML 3Page - PHOENIX CONTACT 1769971 Datasheet HTML 4Page - PHOENIX CONTACT 1769971 Datasheet HTML 5Page - PHOENIX CONTACT 1769971 Datasheet HTML 6Page - PHOENIX CONTACT 1769971 Datasheet HTML 7Page - PHOENIX CONTACT 1769971 Datasheet HTML 8Page - PHOENIX CONTACT 1769971 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 19,
number of rows: 1, number of positions: 19, number of connections: 19, product range: SMSTBA
2,5/..-G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard
Your advantages
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Well-known mounting principle allows worldwide use
•
Angled connection enables multi-row arrangement on the PCB
•
Commercial data
Item number
1769971
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Product key
AACSGO
Catalog page
Page 170 (CC-2005)
GTIN
4017918035198
Weight per piece (including packing)
9.44 g
Weight per piece (excluding packing)
8.623 g
Country of origin
PL
SMSTBA 2,5/19-G - PCB header
1769971
https://www.phoenixcontact.com/us/products/1769971
Jun 13, 2024, 6:48 AM
Page 1 (18)


Similar Part No. - 1769971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769900 PHOENIX-1769900 Datasheet
142Kb / 6P
MSTB 2,5/12-ST
1769900 PHOENIX-1769900 Datasheet
170Kb / 6P
MVSTBR 2,5/12-ST
1769900 PHOENIX-1769900 Datasheet
151Kb / 6P
MVSTBW 2,5/12-ST
1769900 PHOENIX-1769900 Datasheet
112Kb / 7P
Base strip - SMSTBA 2,5/12-G
1769913 PHOENIX-1769913 Datasheet
1Mb / 22P
SMSTBA 2,5/13-G - PCB header
More results

Similar Description - 1769971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769803 PHOENIX-1769803 Datasheet
87Kb / 5P
Base strip - SMSTBA 2,5/ 2-G
1769832 PHOENIX-1769832 Datasheet
147Kb / 8P
Base strip - SMSTBA 2,5/ 5-G
1769861 PHOENIX-1769861 Datasheet
124Kb / 8P
Base strip - SMSTBA 2,5/ 8-G
1769900 PHOENIX-1769900 Datasheet
112Kb / 7P
Base strip - SMSTBA 2,5/12-G
1769926 PHOENIX-1769926 Datasheet
191Kb / 10P
Feed-through header - SMSTBA 2,5/14-G
1769968 PHOENIX-1769968 Datasheet
115Kb / 7P
Base strip - SMSTBA 2,5/18-G
1769984 PHOENIX-1769984 Datasheet
87Kb / 5P
Base strip - SMSTBA 2,5/20-G
1767368 PHOENIX-1767368 Datasheet
108Kb / 7P
Base strip - SMSTBA 2,5/24-G
1767591 PHOENIX-1767591 Datasheet
118Kb / 8P
Housing - SMSTBA 2,5/24-G-5,08
1767546 PHOENIX-1767546 Datasheet
1Mb / 20P
SMSTBA 2,5/19-G-5,08 - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com