Electronic Components Datasheet Search
  English  ▼

X  

1769971 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1769971
Description  SMSTBA 2,5/19-G - PCB header
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1769971 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1769971 Datasheet HTML 1Page - PHOENIX CONTACT 1769971 Datasheet HTML 2Page - PHOENIX CONTACT 1769971 Datasheet HTML 3Page - PHOENIX CONTACT 1769971 Datasheet HTML 4Page - PHOENIX CONTACT 1769971 Datasheet HTML 5Page - PHOENIX CONTACT 1769971 Datasheet HTML 6Page - PHOENIX CONTACT 1769971 Datasheet HTML 7Page - PHOENIX CONTACT 1769971 Datasheet HTML 8Page - PHOENIX CONTACT 1769971 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical data
Product properties
Product type
PCB headers
Product family
SMSTBA 2,5/..-G
Product line
COMBICON Connectors M
Type
Standard
Number of positions
19
Pitch
5 mm
Number of connections
19
Number of rows
1
Number of potentials
19
Mounting flange
without
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Nominal current IN
12 A
Nominal voltage UN
320 V
Contact resistance
2.3 mΩ
Rated voltage (III/3)
320 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface contact area (top layer)
Tin (5 - 7 µm Sn)
Metal surface contact area (middle layer)
Nickel (2 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (5 - 7 µm Sn)
Metal surface soldering area (middle layer)
Nickel (2 - 3 µm Ni)
Material data - housing
Color (Housing)
green (6021)
SMSTBA 2,5/19-G - PCB header
1769971
https://www.phoenixcontact.com/us/products/1769971
Jun 13, 2024, 6:48 AM
Page 2 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com