Electronic Components Datasheet Search
  English  ▼

X  

RF2498 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices RF2498 Datasheet HTML 10Page - RF Micro Devices RF2498 Datasheet HTML 11Page - RF Micro Devices RF2498 Datasheet HTML 12Page - RF Micro Devices RF2498 Datasheet HTML 13Page - RF Micro Devices RF2498 Datasheet HTML 14Page - RF Micro Devices RF2498 Datasheet HTML 15Page - RF Micro Devices RF2498 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
8-312
RF2498
Rev A4 070308
Application Schematic
NOTE: IF output matching component values are dependent on board layout, IF SAW filter and the IF frequency
selected. Please contact RFMD application engineering for assistance with IF output matching.
TBD
7.5 k
Ω
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
MIX GAIN
ENABLE
2.4 pF
33 nF
LNA GAIN
33 nF
18 nH
6.8 nH
33 nF
20 k
Ω
5.1 k
Ω
TBD
32
1
9
17
2
3
4
5
6
7
8
10
11
12
13
14
15
16
24
23
22
21
20
19
18
31
30
29
28
27
26
25
TBD
TBD
4
5
10
9
CDMA
IF SAW
TBD
TBD
TBD
TBD
TBD
4
5
10
9
FM
IF SAW
2.2 nH
DIV EN
TX BUF EN
3.3 nH
1.0 pF
33 nF
IP SET
1.2 nH
10 nH
Cell
RF Saw
6
3
4
1
GND
GND
GND
GND
33 nF
1 pF
PCS
RF Saw
GND
GND
GND
GND
6
3
4
1
33 nF
33 nH
4.7 nH
2.7 nH
10
Ω
IF SEL
BAND SEL
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
GPS IF
V
CC
LO IN
LO OUT
V
CC
CELL LNA IN
PCS LNA IN
GPS LNA IN
FM+
FM-
200
Ω
CDMA+
CDMA-
NOTES:
1. This resistor sets mixer preamp and mixer currents in all bands.
Lowering the resistance results in higher currents.
2. This resistor sets LNA currents of all bands in boost mode.
Increasing the resistor value results in lower currents.
3. Sets internal bias voltage. Recommend 5.1 k
Ω.
4. DC blocking capacitor.
5. PCS LNA Input Matching. Optimize for NF.
6. Determines trade off between IIP3 and Gain.
Higher value inductor means lower gain and higher IIP3.
7. Cell/PCS LNA Input Matching for optimum IIP3.
Low impedance path to ground at low frequency for optimum IIP3.
8. For cell and PCS mixer input matching.
Note: If any functional blocks are not being used, the unused pins can be left with no connection.
Layout Note:
To minimize losses and radiation, the RF signal traces should be as short as possible. The IF+ and
IF- outputs traces should be symmetrical. All bypass capacitors and matching capacitors must
have a ground via very close to the capacitor. Each capacitor should have its own ground via. All
traces should be 50
Ω transmission lines. Position inductors to reduce coupling (see note 15).
9. PCS Interstage matching. As the value of the inductance is increased,
the PCS mixer preamp gain will decrease and the IIP3 will increase
and vice versa.
10. For optimum NF and input matching. As the value of the capacitance
is increased, the NF will become worse.
11. To optimize performance over temperature and bias.
12. For output matching and a DC supply bias choke.
13. GPS mixer input matching for optimum IIP3.
Low impedance path to ground at low frequency for optimum IIP3.
14. Input or Output matching.
15. Coupling of coils on the input, output, and emitter (where applicable)
of any LNA should be minimized to reduce the risk of oscillation. We
recommend separating the inductors and/or positioning them 90o
relative to each other.
33 nH
1.2 pF
2.7 nH
33 nF
33 nH
1.2 nH
0.75 pF
15
Ω
TBD
V
CC
TBD
GPS
RF Saw
52
OUT
IN
See Notes
12 and 15
See Notes
6 and 15
See
Notes
7 and 15
See Note 4
See Notes
14 and 15
See Notes
12 and 15
See Note 11
See Note 14
See
Note 11
See
Note 2
See Note 3
See Note 1
See Note 9
See Note 8
See Note 4
See Note 4
See Note 14
See Note 8
See Note 4
See
Note 14
See
Note 10
See Note 4
See Notes
14 and 15
See Note 4
See Notes
14 and 15
See
Note 10
See Notes
7 and 15
See Notes
12 and 15
See Note 13
See
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com