Electronic Components Datasheet Search
  English  ▼

X  

RF2498 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2498 Datasheet HTML 1Page - RF Micro Devices RF2498 Datasheet HTML 2Page - RF Micro Devices RF2498 Datasheet HTML 3Page - RF Micro Devices RF2498 Datasheet HTML 4Page - RF Micro Devices RF2498 Datasheet HTML 5Page - RF Micro Devices RF2498 Datasheet HTML 6Page - RF Micro Devices RF2498 Datasheet HTML 7Page - RF Micro Devices RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
8-303
RF2498
Rev A4 070308
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cellular Band
JCDMA Band, cont’d
Mixer - FM
LO IN=-4dBm
See note 1 and 2.
Gain
11.5
13.0
14.5
dB
Mixer Preamp ON
1.5
3.0
4.5
dB
Mixer Preamp OFF
Noise Figure
7.5
8.5
dB
Mixer Preamp ON
14.0
16.0
dB
Mixer Preamp OFF
Input IP3
+1.5
+3.5
dBm
Mixer Preamp ON
+11.0
+14.0
dBm
Mixer Preamp OFF
Current
18.5
mA
Mixer Preamp ON/Mixer/LO Input Amps
13.5
mA
Mixer Preamp OFF/Mixer/LO Input Amps
LO to RF Isolation
36
dB
Mixer Preamp ON
dB
Mixer Preamp OFF
LO Frequency Range
600
2300
MHz
High and Low Side LO Injection
See note 3 and 4.
IF Frequency Range
0.1
183.6
400
MHz
Typical IF frequencies: 85.38MHz,
109.80MHz, 111.85MHz, 183.6MHz
Other
LO-IF Isolation
30
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
40
dB
LO-LNA In Isolation, Any State
35
dB
US PCS Band
Freq=1930MHz to 1990MHz
Korean PCS Band
Freq=1840MHz to 1870MHz
LNA (On)
LNA 50
Ω match
Gain
13.5
15.5
17.5
dB
IPSET=1
13.0
15.0
16.5
dB
IPSET=0
Noise Figure
1.5
1.8
dB
IPSET=1
1.4
1.7
dB
IPSET=0
Input IP3
+8.0
+12.0
dBm
IPSET=1
-2.0
+4.0
dBm
IPSET=0
Current
6.5
mA
IPSET=1
4.5
mA
IPSET=0
Isolation
20
dB
LNA (Off)
Gain
-6
-4
dB
Noise Figure
4
6
dB
Input IP3
+20.0
+26.0
dBm
Current
0
mA
Isolation
4
dB
Mixer
LO IN=-4dBm
See note 1.
Gain
12.0
14.0
15.5
dB
Mixer Preamp ON
2.5
4.5
6.5
dB
Mixer Preamp OFF
Noise Figure
7.0
8.5
dB
Mixer Preamp ON
15
17
dB
Mixer Preamp OFF
Input IP3
+1.5
+5.0
dBm
Mixer Preamp ON
+11.0
+13.0
dBm
Mixer Preamp OFF
Current
19.0
mA
Mixer Preamp ON/Mixer/LO Input Amps
14.0
mA
Mixer Preamp OFF/Mixer/LO Input Amps
LO to RF Isolation
36
dB
Mixer Preamp ON
30
dB
Mixer Preamp OFF
LO Frequency Range
1600
2400
MHz
High and Low Side LO Injection
IF Frequency Range
0.1
183.6
400
MHz
Typical IF frequencies: 183.6MHz,
210.38MHz, 220.38MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com