Electronic Components Datasheet Search
  English  ▼

X  

RF2638 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2638
Description  W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2638 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2638 Datasheet HTML 1Page - RF Micro Devices RF2638 Datasheet HTML 2Page - RF Micro Devices RF2638 Datasheet HTML 3Page - RF Micro Devices RF2638 Datasheet HTML 4Page - RF Micro Devices RF2638 Datasheet HTML 5Page - RF Micro Devices RF2638 Datasheet HTML 6Page - RF Micro Devices RF2638 Datasheet HTML 7Page - RF Micro Devices RF2638 Datasheet HTML 8Page - RF Micro Devices RF2638 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-29
RF2638
Rev B15 060921
Pin
Function
Description
Interface Schematic
1IF-
Balanced IF input pin. This pin is internally DC-biased and should be
DC-blocked if connected to a device with a DC level present. For single-
ended input operation, one pin is used as an input and the other IF
input is AC-coupled to ground. The balanced, input impedance is
260
Ω.
2IF+
Same as pin 1, except complementary input.
See pin 1.
3BYP
Bypass pin for internal bias circuitry. Bypass with a 1nF capacitor.
4LO-
Balanced LO input pin. This pin is internally DC-biased and should be
DC-blocked if connected to a device with a DC level present. For single-
ended input operation, one pin is used as an input and the other LO
input is AC-coupled to ground.
5LO+
Same as pin 4, except complementary input.
See pin 4.
6GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
7VCC
Supply voltage pin. External bypassing is required. External RF, LO,
and IF bypassing is required. The trace length between the pin and the
bypass capacitors should be minimized. The ground side of the bypass
capacitors should connect immediately to ground plane.
8RF OUT
RF output pin.
IF+
IF-
130
Ω
130
Ω
BIAS
BYP
LO+
LO-
BIAS
300
Ω
RF OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com