Electronic Components Datasheet Search
  English  ▼

X  

RF2638 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2638
Description  W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2638 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2638 Datasheet HTML 1Page - RF Micro Devices RF2638 Datasheet HTML 2Page - RF Micro Devices RF2638 Datasheet HTML 3Page - RF Micro Devices RF2638 Datasheet HTML 4Page - RF Micro Devices RF2638 Datasheet HTML 5Page - RF Micro Devices RF2638 Datasheet HTML 6Page - RF Micro Devices RF2638 Datasheet HTML 7Page - RF Micro Devices RF2638 Datasheet HTML 8Page - RF Micro Devices RF2638 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6-31
RF2638
Rev B15 060921
Application Schematic
Dual-Band Output (836MHz/1880MHz)
Application Schematic
W-CDMA (1950MHz)
PCS OUT
IF-
IF+
LO
1
2
3
4
8
7
6
5
100 nH
1 nF
1 nF
1 nF
5 pF
5 pF
10 nF
0.5 pF
V
C
C
10 nF
6.8 nH
4 pF
5.6 nH
18 nH
CELL OUT
V
CC
W-CDMA OUT
IF-
IF+
LO
1
2
3
4
8
7
6
5
4.7 nH
1 nF
1 nF
1 nF
5 pF
5 pF
10 nF
9 pF
V
CC
10 nF
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com