Electronic Components Datasheet Search
  English  ▼

X  

SP6125 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6125
Description  High-Voltage, Step Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6125 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6125 Datasheet HTML 2Page - Sipex Corporation SP6125 Datasheet HTML 3Page - Sipex Corporation SP6125 Datasheet HTML 4Page - Sipex Corporation SP6125 Datasheet HTML 5Page - Sipex Corporation SP6125 Datasheet HTML 6Page - Sipex Corporation SP6125 Datasheet HTML 7Page - Sipex Corporation SP6125 Datasheet HTML 8Page - Sipex Corporation SP6125 Datasheet HTML 9Page - Sipex Corporation SP6125 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Mar22-07 RevC
SP6125: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
6
Overcurrent protection
Figure 3- Overcurrent protection circuit
The overcurrent protection circuit functions by
monitoring the voltage across the high-side FET
Q1. When this voltage exceeds 0.3V, the
overcurrent
comparator
triggers
and
the
controller enters hiccup mode. For example if
Q1 has Rds(on)=0.1 , then the overcurrent will
trigger at I = 0.3V/0.1 =3A. To program a lower
overcurrent use a resistor Rs as shown in figure
1. Calculate Rs from:
(
)
uA
on
Rds
Iout
Rs
30
)
(
15
.
1
3
.
0
×
×
−
=
……… (5)
The overcurrent circuit triggers at peak current
through Q1 which is usually about 15% higher
than
average
output
current.
Hence
the
multiplier 1.15 is used in (5).
Example: A switching MOSFET used with
SP6125 has Rds(on) of 0.1 . Program the over-
current circuit so that maximum output is 2A.
(
)
uA
Ohm
A
Rs
30
1
.
0
2
15
.
1
3
.
0
×
×
−
=
Rs = 2333
Using
the
above
equation
there
is
good
agreement between calculated and test results
for Rs in the range of 0.5k
to 3k . For Rs
larger than 3k
test results are lower than those
predicted by (5), due to circuit parasitics.
Therefore maximum value of Rs should be
limited to 3k .
Using the ON/OFF Function
The Feedback pin serves a dual role of
ON/OFF
control.
The
MOSFET
driver
is
disabled when a voltage greater than 1V is
applied at the FB pin. Maximum voltage rating
of this pin is 5.5V. The controlling signal should
be applied through a small signal diode as
shown on page 1. Please note that an optional
10k
bleeding resistor across the output helps
keep the output capacitor discharged under no
load condition.
Programming the Output Voltage
To program the output voltage, calculate R2
using the following equation:


−
=
1
1
2
Vref
Vout
R
R
Where:
Vref=0.6 is the reference voltage of the SP6125
R1=200k
is a fixed-value resistor that, in
addition to being a voltage divider, it is part of
the compensation network. In order to simplify
compensation calculations, R1 is fixed at
200k .
Soft Start
Soft Start is preset internally to 5ms (nominal).
Internal Soft Start eliminates the need for the
external capacitor CSS that is commonly used
to program this function.
MOSFET Gate Drive
P-channel drive is derived through an internal
regulator that generates VIN-5V. This pin (VDR)
has to be connected to VIN with a 0.1uF
decoupling capacitor. The gate drive circuit
swings between VIN and VIN-5 and employs
powerful drivers for efficient switching of the P-
channel MOSFET.
Ds
Q1
Rs
SP6125
Gate
LX
30uA
Vin - 0.3V
Vin
Ov er-Current Comparator
General Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com