Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6127 Datasheet HTML 4Page - Sipex Corporation SP6127 Datasheet HTML 5Page - Sipex Corporation SP6127 Datasheet HTML 6Page - Sipex Corporation SP6127 Datasheet HTML 7Page - Sipex Corporation SP6127 Datasheet HTML 8Page - Sipex Corporation SP6127 Datasheet HTML 9Page - Sipex Corporation SP6127 Datasheet HTML 10Page - Sipex Corporation SP6127 Datasheet HTML 11Page - Sipex Corporation SP6127 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
June 26, 2007
SP6127 TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
Page 9
_____________________________________ TYPICAL PERFORMANCE CHARACTERISTICS
High=Of f
L1, IHLP-2525CZ
3.3uH, 30mOhm, 6A
C4
22uF
Ds
MBRA340T3G
R1
200k, 1%
RZ
2K
R2
100k, 1%
Q1
Si2343DS
CZ
33pF
C7
0.1uF
C1
4.7uF
Rs=1k
D1 1N4148
SHDN
12V
VIN
VOUT
GND
GND
VFB
Vin
GND
VDR
1.8V
0-2.0A
Gate
LX
SP6127
1
5
3
2
6
4
Figure 4- Application circuit
SP6127 Efficiency versus Iout,
Vin=12V,Ta=25C
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout=1.8V
SP6127 Load Regulation
Vin=12V
1.790
1.795
1.800
1.805
1.810
0.0
0.5
1.0
1.5
2.0
Iout (A)
Figure 5- Efficiency, natural convection
Figure 6- Load regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com