Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6127 Datasheet HTML 4Page - Sipex Corporation SP6127 Datasheet HTML 5Page - Sipex Corporation SP6127 Datasheet HTML 6Page - Sipex Corporation SP6127 Datasheet HTML 7Page - Sipex Corporation SP6127 Datasheet HTML 8Page - Sipex Corporation SP6127 Datasheet HTML 9Page - Sipex Corporation SP6127 Datasheet HTML 10Page - Sipex Corporation SP6127 Datasheet HTML 11Page - Sipex Corporation SP6127 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
June 26, 2007
SP6127 TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
Page 10
_____________________________________ TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7- Step load 1-2A
Figure 8- Overcurrent shutdown
ch1: VIN ch2: VOUT, ch3: IOUT
ch1: VIN, ch2: VOUT, ch3: Inductor current, ch4: IOUT
Figure 9- Startup no load
Figure 10- Start up 2A
ch1: VIN, ch2: VOUT, ch3: IOUT
ch1: VIN ch2: VOUT, ch3: IOUT
Figure 11- Output ripple at 0A is 32mV
Figure 12- Output ripple at 2A is 12mV
ch1: VIN, ch2: VOUT, ch3: IOUT
ch1: VIN, ch2: VOUT, ch3: IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com