Electronic Components Datasheet Search
  English  ▼

X  

RF2878 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2878 Datasheet HTML 4Page - RF Micro Devices RF2878 Datasheet HTML 5Page - RF Micro Devices RF2878 Datasheet HTML 6Page - RF Micro Devices RF2878 Datasheet HTML 7Page - RF Micro Devices RF2878 Datasheet HTML 8Page - RF Micro Devices RF2878 Datasheet HTML 9Page - RF Micro Devices RF2878 Datasheet HTML 10Page - RF Micro Devices RF2878 Datasheet HTML 11Page - RF Micro Devices RF2878 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4-340
RF2878
Rev A0 060206
Low Noise Amplifier 881 MHz
Gain versus ICC
19.55
19.60
19.65
19.70
19.75
19.80
19.85
19.90
19.95
6.00
6.50
7.00
7.50
8.00
8.50
9.00
9.50
10.00
ICC
2.7V Gain (dB)
3.0V Gain (dB)
3.3V Gain (dB)
3.6V Gain (dB)
Low Noise Amplifier 881 MHz
OIP3 versus ICC
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
6.06.5
7.07.5
8.08.5
9.0
9.5
10.0
ICC (mA)
2.7V OIP3 (dBm)
3.0V OIP3 (dBm)
3.3V OIP3 (dBm)
3.6V OIP3 (dBm)
Low Noise Amplifier 881 MHz
IIP3 versus ICC
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
6.06.5
7.07.5
8.08.5
9.09.5
10.0
ICC (mA)
2.7V IIP3 (dBm)
3.0V IIP3 (dBm)
3.3V IIP3 (dBm)
3.6V IIP3 (dBm)
Low Noise Amplifier 881 MHz
POUT 1dB versus ICC
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
6.06.5
7.07.5
8.08.5
9.09.5
10.0
ICC (mA)
2.7V Pout 1dB (dBm)
3.0V Pout 1dB (dBm)
3.3V Pout 1dB (dBm)
3.6V Pout 1dB (dBm)
Low Noise Amplifier 881 MHz
Noise Figure versus ICC
1.33
1.34
1.35
1.36
1.37
1.38
1.39
1.40
1.41
1.42
6.00
6.50
7.00
7.50
8.00
8.50
9.00
9.50
10.00
ICC
2.7V NF (dB)
3.0V NF (dB)
3.3V NF (dB)
3.6V NF (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com