Electronic Components Datasheet Search
  English  ▼

X  

RF2878 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2878 Datasheet HTML 4Page - RF Micro Devices RF2878 Datasheet HTML 5Page - RF Micro Devices RF2878 Datasheet HTML 6Page - RF Micro Devices RF2878 Datasheet HTML 7Page - RF Micro Devices RF2878 Datasheet HTML 8Page - RF Micro Devices RF2878 Datasheet HTML 9Page - RF Micro Devices RF2878 Datasheet HTML 10Page - RF Micro Devices RF2878 Datasheet HTML 11Page - RF Micro Devices RF2878 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
4-342
RF2878
Rev A0 060206
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the
PCB metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all
pads. The center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask
clearance can be provided in the master data or requested from the PCB fabrication supplier.
A
A
A
A
A
2.60
Pin 1
A = 0.90 x 1.20 (mm) Typ.
Pin 5
Dimensions in mm.
0.95 Typ.
1.90 Typ.
Figure 2. PCB Solder Mask (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com