Electronic Components Datasheet Search
  English  ▼

X  

1781007 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1781007
Description  MCV 1,5/ 8-G-3,5 P20 THRR56 - PCB header
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1781007 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1781007 Datasheet HTML 1Page - PHOENIX CONTACT 1781007 Datasheet HTML 2Page - PHOENIX CONTACT 1781007 Datasheet HTML 3Page - PHOENIX CONTACT 1781007 Datasheet HTML 4Page - PHOENIX CONTACT 1781007 Datasheet HTML 5Page - PHOENIX CONTACT 1781007 Datasheet HTML 6Page - PHOENIX CONTACT 1781007 Datasheet HTML 7Page - PHOENIX CONTACT 1781007 Datasheet HTML 8Page - PHOENIX CONTACT 1781007 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Durability test
Specification
IEC 60512-9-1:2010-03
Impulse withstand voltage at sea level
2.95 kV
Contact resistance R1
1.6 mΩ
Contact resistance R2
1.7 mΩ
Insertion/withdrawal cycles
25
Climatic test
Specification
ISO 6988:1985-02
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Thermal stress
100 °C/168  h
Power-frequency withstand voltage
1.39 kV
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Packaging specifications
Dimensional drawing
Type of packaging
56 mm wide tape
[W] tape width
56 mm
[W2] coil overall dimension
62.4 mm
[A] coil diameter
330 mm
Outer packaging type
Transparent-Bag
ESD level
(D) electrostatically conductive
Specification
DIN EN 61340-5-1 (VDE 0300-5-1): 2008-07
MCV 1,5/ 8-G-3,5 P20 THRR56 - PCB header
1781007
https://www.phoenixcontact.com/us/products/1781007
Jun 13, 2024, 7:11 AM
Page 5 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com