Electronic Components Datasheet Search
  English  ▼

X  

1781007 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 1781007
Description  MCV 1,5/ 8-G-3,5 P20 THRR56 - PCB header
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1781007 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 1781007 Datasheet HTML 8Page - PHOENIX CONTACT 1781007 Datasheet HTML 9Page - PHOENIX CONTACT 1781007 Datasheet HTML 10Page - PHOENIX CONTACT 1781007 Datasheet HTML 11Page - PHOENIX CONTACT 1781007 Datasheet HTML 12Page - PHOENIX CONTACT 1781007 Datasheet HTML 13Page - PHOENIX CONTACT 1781007 Datasheet HTML 14Page - PHOENIX CONTACT 1781007 Datasheet HTML 15Page - PHOENIX CONTACT 1781007 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
FMC 1,5/ 8-ST-3,5 - PCB connectors
1952322
https://www.phoenixcontact.com/us/products/1952322
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8
A, rated voltage (III/2): 160 V, contact surface: Tin, contact connection type:
Socket, number of potentials: 8, number of rows: 1, number of positions: 8,
number of connections: 8, product range: FMC 1,5/..-ST, pitch: 3.5 mm,
connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without, mounting:
without, type of packaging: packed in cardboard
Phoenix Contact 2024 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
MCV 1,5/ 8-G-3,5 P20 THRR56 - PCB header
1781007
https://www.phoenixcontact.com/us/products/1781007
Jun 13, 2024, 7:11 AM
Page 16 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com