Electronic Components Datasheet Search
  English  ▼

X  

RM3003S6 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM3003S6
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM3003S6 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM3003S6 Datasheet HTML 1Page - Rectron Semiconductor RM3003S6 Datasheet HTML 2Page - Rectron Semiconductor RM3003S6 Datasheet HTML 3Page - Rectron Semiconductor RM3003S6 Datasheet HTML 4Page - Rectron Semiconductor RM3003S6 Datasheet HTML 5Page - Rectron Semiconductor RM3003S6 Datasheet HTML 6Page - Rectron Semiconductor RM3003S6 Datasheet HTML 7Page - Rectron Semiconductor RM3003S6 Datasheet HTML 8Page - Rectron Semiconductor RM3003S6 Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N and P-Channel Enhancement Mode Power MOSFET
Description
The RM3003S6 uses advanced trench technology to provide
excellent RDS(ON), low gate charge. This device is suitable for
use as a Battery protection or in other Switching application.
General Features
N-Channel
VDS = 30V,ID = 3.5A
RDS(ON)
GS=10V
RDS(ON)
GS=4.5V
P-Channel
VDS = -30V,ID = -2.7A
RDS(ON)
GS=-10V
RDS(ON)
GS=-4.5V
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Schematic diagram
Marking and pin Assignment
TSOT23-6L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
3003
RM3003S6
TSOT23-6L
Absolute Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25
3.5
-2.7
Continuous Drain Current
TA=70
ID
3
-2.1
A
Pulsed Drain Current
(Note 1)
IDM
20
-15
A
Maximum Power Dissipation
TA=25
PD
1.2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note2)
R
N-Ch
104
/W
Thermal Resistance,Junction-to-Ambient
(Note2)
R
P-Ch
104
/W
N-channel
P-channel
2018-09/15
REV:O
RM3003S6
Halogen-free
3003
Ø180mm
8mm
3000units


Similar Part No. - RM3003S6

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM3003S6V RECTRON-RM3003S6V Datasheet
532Kb / 11P
N and P-Channel Enhancement Mode Power MOSFET
2022-05/15 REV:O
More results

Similar Description - RM3003S6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com