Electronic Components Datasheet Search
  English  ▼

X  

RF3166 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3166
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3166 Datasheet HTML 1Page - RF Micro Devices RF3166 Datasheet HTML 2Page - RF Micro Devices RF3166 Datasheet HTML 3Page - RF Micro Devices RF3166 Datasheet HTML 4Page - RF Micro Devices RF3166 Datasheet HTML 5Page - RF Micro Devices RF3166 Datasheet HTML 6Page - RF Micro Devices RF3166 Datasheet HTML 7Page - RF Micro Devices RF3166 Datasheet HTML 8Page - RF Micro Devices RF3166 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2-492
RF3166
Rev A3 061031
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +6.0
VDC
Power Control Voltage (VRAMP)
-0.3 to +2.2
V
Input RF Power
+10
dBm
Max Duty Cycle
50
%
Output Load VSWR
10:1
Operating Case Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Control
VRAMP
Power Control “ON”
2.1
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.26
V
Min. POUT, Voltage supplied to the input
VRAMP Input Capacitance
2
20
pF
DC to 2MHz
VRAMP Input Current
30
μAV
RAMP =2.1 V
TX Enable “ON”
1.5
V
TX Enable “OFF”
0.5
V
GSM Band Enable
0.5
V
DCS/PCS Band Enable
1.5
V
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
3.0
4.5
V
Nominal operating limits
4.5
5.5
V
VRAMP<1.7V
Power Supply Current
1
μAP
IN < -30 dBm, TX Enable = Low,
Temp=-20°C to +85°C
150
mA
VRAMP=0.26V, TX Enable=High
Overall Control Signals
Band Select “Low”
0
0
0.5
V
Band Select “High”
1.5
2.0
3.0
V
Band Select “High” Current
20
50
μA
TX Enable “Low”
0
0
0.5
V
TX Enable “High”
1.5
2.0
3.0
V
TX Enable “High” Current
1
2
μA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com