Electronic Components Datasheet Search
  English  ▼

X  

RF3166 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3166
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3166 Datasheet HTML 3Page - RF Micro Devices RF3166 Datasheet HTML 4Page - RF Micro Devices RF3166 Datasheet HTML 5Page - RF Micro Devices RF3166 Datasheet HTML 6Page - RF Micro Devices RF3166 Datasheet HTML 7Page - RF Micro Devices RF3166 Datasheet HTML 8Page - RF Micro Devices RF3166 Datasheet HTML 9Page - RF Micro Devices RF3166 Datasheet HTML 10Page - RF Micro Devices RF3166 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2-497
RF3166
Rev A3 061031
Pin
Function
Description
Interface Schematic
1
DCS/PCS IN RF input to the DCS band. This is a 50Ω input.
2
BAND
SELECT
Allows external control to select the GSM or DCS band with a logic high
or low. A logic low enables the GSM band whereas a logic high enables
the DCS band.
3
TX ENABLE This signal enables the PA module for operation with a logic high.
4VBATT
Power supply for the module. This should be connected to the battery.
5GND
6
VRAMP
Ramping signal from DAC. A 300kHz lowpass filter is integrated into
the CMOS. No external filtering is required.
7
GSM IN
RF input to the GSM band. This is a 50
Ω input.
8GSM OUT
RF output for the GSM band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
9
DCS/PCS
OUT
RF output for the DCS band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
Pkg
Base
GND
GSM CTRL
DCS CTRL
BAND SEL
TX EN
TX EN
VBATT
TX ON
VRAMP
300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com