Electronic Components Datasheet Search
  English  ▼

X  

SAA5249P/E Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA5249P/E
Description  Integrated VIP and Teletext with Background Memory Controller IVT1.1BMCX
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5249P/E Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA5249P/E Datasheet HTML 9Page - NXP Semiconductors SAA5249P/E Datasheet HTML 10Page - NXP Semiconductors SAA5249P/E Datasheet HTML 11Page - NXP Semiconductors SAA5249P/E Datasheet HTML 12Page - NXP Semiconductors SAA5249P/E Datasheet HTML 13Page - NXP Semiconductors SAA5249P/E Datasheet HTML 14Page - NXP Semiconductors SAA5249P/E Datasheet HTML 15Page - NXP Semiconductors SAA5249P/E Datasheet HTML 16Page - NXP Semiconductors SAA5249P/E Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1996 Nov 07
13
Philips Semiconductors
Preliminary specification
Integrated VIP and Teletext with
Background Memory Controller
SAA5249
R, G AND B
VOL
LOW level output voltage
IOL = 2 mA
0
−
0.2
V
VOH
HIGH level output voltage
IOH = −1.6 mA;
RGBREF
≤ VDD − 2V
RGBREF
−0.25
RGBREF
RGBREF
+0.25
V
|Zo|
output impedance
−−
200
Ω
CL
load capacitance
−−
50
pF
IDC
DC current
−−−3.3
mA
tr
output rise time
10% to 90%
−−
20
ns
tf
output fall time
90% to 10%
−−
20
ns
BLANK
VOL
LOW level output voltage
IOL = 1.6 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −0.2 mA;
VDD = 4.5 V
1.1
−−
V
VOH
HIGH level output voltage
IOH = 0 mA;
VDD = 5.5 V
−−
2.8
V
VOH
allowed voltage at pin
with external pull-up
−−
VDD
V
CL
load capacitance
−−
50
pF
tr
output rise time
10% to 90%
−−
20
ns
tf
output fall time
90% to 10%
−−
20
ns
ODD/EVEN
VOL
LOW level output voltage
IOL = +1.6 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −0.2 mA
2.4
−
VDD
V
CL
load capacitance
−−
120
pF
tr
output rise time
0.6 to 2.2 V
−−
50
ns
tf
output fall time
2.2 to 0.6 V
−−
50
ns
COR AND Y(OPEN-DRAIN)
VOH
pull-up voltage at pin
−−
VDD
V
VOL
output voltage LOW
IOL = 5 mA
0
−
1.0
V
CL
load capacitance
−−
25
pF
tf
output fall time
load resistor of 1.2 k
Ω
to VDD; measured
between VDD − 0.5 V
and 1.5 V
−−
50
ns
ILO
output leakage current
Vi = 0 to VDD
−10
−
+10
µA
tskew
skew delay between display
outputs R, G, B, COR, Y and
BLANK
−−
20
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com