Electronic Components Datasheet Search
  English  ▼

X  

SAA5249P/E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA5249P/E
Description  Integrated VIP and Teletext with Background Memory Controller IVT1.1BMCX
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5249P/E Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA5249P/E Datasheet HTML 1Page - NXP Semiconductors SAA5249P/E Datasheet HTML 2Page - NXP Semiconductors SAA5249P/E Datasheet HTML 3Page - NXP Semiconductors SAA5249P/E Datasheet HTML 4Page - NXP Semiconductors SAA5249P/E Datasheet HTML 5Page - NXP Semiconductors SAA5249P/E Datasheet HTML 6Page - NXP Semiconductors SAA5249P/E Datasheet HTML 7Page - NXP Semiconductors SAA5249P/E Datasheet HTML 8Page - NXP Semiconductors SAA5249P/E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1996 Nov 07
2
Philips Semiconductors
Preliminary specification
Integrated VIP and Teletext with
Background Memory Controller
SAA5249
FEATURES
• Complete teletext decoder featuring a background
memory controller in a single 48-pin DIP package.
Capable of storing of up to 512 teletext pages in an
external DRAM, giving instant access to the teletext
data
• Automatic processing of extension packet 26 for widest
possible language decoding. All our standard language
options can be available, and the language option is
readable via I2C-bus.
• 100% hardware compatible with the SAA5247 plug-in
replacement and with the possibility of extra market in
those countries with packet 26 transmissions.
Still pin-aligned to SAA5254 and SAA5244A.
• 100% software compatible with the SAA5247, and
SAA5244A, except if the special OSD symbols were
used. Also 100% software compatible to SAA5254. In all
events there is a change to the ROM ID number.
• The device is pin-aligned with the other members of the
new Philips teletext decoder family, i.e. SAA5281 and
the SAA5254, making one hardware solution for the
whole range
• Low software overhead for the microprocessor
• RGB interface to standard colour decoder ICs, push-pull
output drive.
GENERAL DESCRIPTION
The Integrated VIP and Teletext (IVT1.1BMCX) is a
teletext decoder (contained within a single chip package)
for decoding 625-line based World System Teletext
transmissions. With its built-in background memory
controller the device can store incoming teletext packets in
the external 1M4 DRAM. With this large packet store
which can be rapidly scanned, we can achieve near
instantaneous access to all the pages transmitted by the
broadcaster.
This version of the decoder also contains some extra
hardware to process extension packet 26 automatically,
extending the markets to which the TV chassis can be
shipped and offering many more language options for the
set maker.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.5
5.0
5.5
V
IDD
supply current
−
90
120
mA
Vsyn
sync amplitude
0.1
0.3
0.6
V
Vvid
video amplitude
0.7
1.0
1.4
V
fXTAL
crystal frequency
−
27
−
MHz
Tamb
operating ambient temperature
−20
−
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA5249P/E
DIP48
plastic dual in-line package; 48 leads (600 mil)
SOT240-1
SAA5249GP/E
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.7 mm; high stand-off height
SOT319-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com