Electronic Components Datasheet Search
  English  ▼

X  

ADRF5532 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5532
Description  2.3 GHz to 2.7 GHz, Receiver Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5532 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5532 Datasheet HTML 3Page - Analog Devices ADRF5532 Datasheet HTML 4Page - Analog Devices ADRF5532 Datasheet HTML 5Page - Analog Devices ADRF5532 Datasheet HTML 6Page - Analog Devices ADRF5532 Datasheet HTML 7Page - Analog Devices ADRF5532 Datasheet HTML 8Page - Analog Devices ADRF5532 Datasheet HTML 9Page - Analog Devices ADRF5532 Datasheet HTML 10Page - Analog Devices ADRF5532 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
ADRF5532
RECEIVE OPERATION
analog.com
Rev. A | 7 of 11
Figure 6. Gain vs. Frequency at Various Temperatures
Figure 7. Return Loss vs. Frequency
Figure 8. Noise Figure vs. Frequency
Figure 9. Gain vs. Frequency at Various Temperatures, 2.3 GHz to 2.7 GHz
Figure 10. Input P1dB vs. Frequency at Various Temperatures
Figure 11. Input IP3 vs. Frequency at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com