Electronic Components Datasheet Search
  English  ▼

X  

ADRF5532 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5532
Description  2.3 GHz to 2.7 GHz, Receiver Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5532 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5532 Datasheet HTML 1Page - Analog Devices ADRF5532 Datasheet HTML 2Page - Analog Devices ADRF5532 Datasheet HTML 3Page - Analog Devices ADRF5532 Datasheet HTML 4Page - Analog Devices ADRF5532 Datasheet HTML 5Page - Analog Devices ADRF5532 Datasheet HTML 6Page - Analog Devices ADRF5532 Datasheet HTML 7Page - Analog Devices ADRF5532 Datasheet HTML 8Page - Analog Devices ADRF5532 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
ADRF5532
2.3 GHz to 2.7 GHz, Receiver Front End
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated RF front end
►
LNA and high-power silicon SPDT switch
►
On-chip bias and matching
►
Single-supply operation
►
Gain: 35.5 dB typical at 2.6 GHz
►
Gain flatness: 0.2 dB at 25°C across 400 MHz bandwidth
►
Low noise figure: 1.2 dB typical at 2.6 GHz
►
Low insertion loss: 0.7 dB typical at 2.6 GHz
►
High-power handling at TCASE = 105°C
►
Full lifetime
►
LTE average power (8 dB PAR): 36.5 dBm
►
Single event (<10 sec operation)
►
LTE average power (8 dB PAR): 39 dBm
►
High Input IP3: −4 dBm
►
Low-supply current
►
Receive operation: 118 mA typical at 5 V
►
Transmit operation: 15 mA typical at 5 V
►
Positive logic control
►
5 mm × 3 mm, 24-lead LFCSP package
►
Pin compatible with the ADRF5534, 3.1 GHz to 4.2 GHz receiver
front end
APPLICATIONS
►
Wireless infrastructure
►
TDD massive multiple input and multiple output (MIMO) and
active antenna systems
►
TDD-based communication systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5532 is an integrated RF, front-end multichip module
designed for time division duplex (TDD) applications. The device
operates from 2.3 GHz to 2.7 GHz. The ADRF5532 is configured
with a low-noise amplifier (LNA) and a high-power, silicon, single
pole double throw (SPDT) switch.
In the receive operation at 2.6 GHz, the LNA offers a low noise
figure (NF) of 1.2 dB and a high gain of 35.5 dB with a third order
input intercept point (IIP3) of −4 dBm.
In the transmit operation, the switch provides a low insertion loss of
0.7 dB and handles a long-term evolution (LTE) average power of
36.5 dBm for a full lifetime operation (8 dB peak to average ratio
(PAR)) and 39 dBm for a single event (<10 sec) LNA protection
operation.
The device is featured in an RoHS compliant, compact, 5 mm × 3
mm, 24-lead LFCSP package.


Similar Part No. - ADRF5532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
ADRF5534 AD-ADRF5534 Datasheet
686Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. A
ADRF5534-EVALZ AD-ADRF5534-EVALZ Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
ADRF5534-EVALZ AD-ADRF5534-EVALZ Datasheet
686Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. A
ADRF5534BCPZN AD-ADRF5534BCPZN Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results

Similar Description - ADRF5532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
logo
NXP Semiconductors
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com