Electronic Components Datasheet Search
  English  ▼

X  

B9035 Datasheet(PDF) 2 Page - EPCOS

Part # B9035
Description  SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9035 Datasheet(HTML) 2 Page - EPCOS

  B9035 Datasheet HTML 1Page - EPCOS B9035 Datasheet HTML 2Page - EPCOS B9035 Datasheet HTML 3Page - EPCOS B9035 Datasheet HTML 4Page - EPCOS B9035 Datasheet HTML 5Page - EPCOS B9035 Datasheet HTML 6Page - EPCOS B9035 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Dec 06, 2005
B9035
881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Application
s
Low-loss RF filter for mobile telephone
Cellular systems, CDMA and W-CDMA
receive path (Rx)
s
Very high Tx suppression
s
For operation in Rx diversity path
s
Usable passband 25 MHz
s
Unbalanced operation
s
Impedance 50
Ω input and output
Features
s
Package size 2.0 x1.6 x 0.68 mm3
s
RoHS compliant
s
Approx. weight 0.007 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
1
2
4
3
0,075
bottom view
side view
top view
2,0
0,55
Pin configuration
s
1
Input, unbalanced
s
3
Output, unbalanced
s
2,4
To be grounded
1
4
2
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com